PART |
Description |
Maker |
IL8190N |
Precision Air-Core Tach/Speedo Driver with Return to Zero
|
IK Semicon Co., Ltd
|
CS8190EDWFR20G |
Precision Air−Core Tach/Speedo Driver with Return to Zero 0.01 A BUF OR INV BASED PRPHL DRVR, PDSO20
|
ON Semiconductor
|
LQW18AN8N2D00D LQW18AN6N8D00D LQW18ANR39J00D LQW18 |
INDUCTOR 8.2NH 650MA 0603 1 ELEMENT, 0.0082 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 6.8NH 750MA 0603 1 ELEMENT, 0.0068 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 390NH 80MA 0603 1 ELEMENT, 0.39 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 330NH 85MA 0603 1 ELEMENT, 0.33 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.056 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 4.7NH 850MA 0603 INDUCTOR 39NH 400MA 0603 INDUCTOR 10NH 650MA 0603 IND, 0603, 15NH, 2%, 700MA 1 ELEMENT, 0.027 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
0908SQ-8N1GLD 0908SQ-8N1GLC 0908SQ-25NGLB 0908SQ-1 |
1 ELEMENT, 0.0081 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT 1 ELEMENT, 0.025 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT RF inductor, air core, 5% tol, SMT, RoHS 1 ELEMENT, 0.0121 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc. COILCRAFT INC
|
LQG15HS10NJ02D LQG15HS12NJ02D LQG15HS22NJ02D LQG15 |
INDUCTOR 10NH 300MA 0402 1 ELEMENT, 0.01 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 12NH 300MA 0402 1 ELEMENT, 0.012 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 22NH 300MA 0402 1 ELEMENT, 0.022 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 2.2NH 300MA 0402 1 ELEMENT, 0.0022 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 3.3NH 300MA 0402 1 ELEMENT, 0.0033 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 3.9NH 300MA 0402 1 ELEMENT, 0.0039 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 47NH 200MA 0402 1 ELEMENT, 0.047 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 5.6NH 300MA 0402 1 ELEMENT, 0.0056 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD Chip Inductor (Chip Coil) for High Frequency Multilayer Type LQG15HS Series (0402 Size) INDUCTOR 27NH 300MA 0402 Chip Inductor (Chip Coil) for High Frequency Multilayer Type Chip Inductor (Chip Coil) for High Frequency Multilayer Type LQG15HS Series (0402 Size)
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD Murata Manufacturing Co...
|
132-17SMGLB 132-17SMJLB |
RF inductor, air core, 2% tol, SMT, RoHS 1 ELEMENT, 0.38 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD RF inductor, air core, 5% tol, SMT, RoHS 1 ELEMENT, 0.38 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc.
|
0908SQ-22NJSDSD 0908SQ-8N1JSDSD 0908SQ-12NJSDSD 09 |
1 ELEMENT, 0.0215 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0081 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0121 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0166 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc.
|
CT4015F-07J CT4015F-09J |
1 ELEMENT, 0.00715 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.00985 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD Wire-wound Chip Inductors - Open Wound
|
CENTRAL TECHNOLOGIES
|
LQP21A1N8G14M00 LQP21A1N5G14M00 |
1 ELEMENT, 0.0018 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0015 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
MURATA MANUFACTURING CO LTD
|
TR25JSN AE536RATR11JSH |
1 ELEMENT, 0.246 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.111 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
COILCRAFT INC
|
4726-82 4726-120 4726-150 4726-100 4726-60 4726-47 |
Air Core Inductors
|
API Delevan
|
KQ0402JTD40N KQ0402KTD2N0 |
1 ELEMENT, 0.04 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.002 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
KOA SPEER ELECTRONICS INC
|
|